Part Number Hot Search : 
AXIS45 LTM4604 SM540ZT ST62T10C CDRH4D S08RP AH188410 020A9A
Product Description
Full Text Search
 

To Download DDTA114ECA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R1 = R2 SERIES) CA
PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistors, R1 = R2
A OUT
SOT-23
TOP VIEW
B GND
C
Dim
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.85 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.80 8
Mechanical Data
* * * * * * * *
E
IN D G H
A B C
K M L
Case: SOT-23, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Marking: Date Code and Marking Code (See Diagrams & Page 2) Terminal Connections: See Diagram IN Weight: 0.008 grams (approx.) Ordering Information (See Page 2)
P/N DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA R1, R2 (NOM) MARKING 2.2KW 4.7KW 10KW 22KW 47KW 100KW P04 P08 P13 P17 P20 P24
D E G H
J
R1 R2
OUT
J K L M a
GND
All Dimensions in mm
IN
GND SCHEMATIC DIAGRAM
OUT
Maximum Ratings
Supply Voltage, (3) to (1) Input Voltage, (2) to (1)
@ TA = 25C unless otherwise specified Symbol VCC DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA All Value -50 +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 -100 -100 -50 -30 -30 -20 -100 200 625 -55 to +150 Unit V
Characteristic
VIN
V
Output Current
IO
mA
Output Current Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range Note:
IC (Max) Pd RqJA Tj, TSTG
mA mW C/W C
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
DS30333 Rev. 2 - 2
1 of 3
DDTA (R1 = R2 SERIES) CA
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol Vl(off) Min -0.5 Typ -1.1 Max 3/4 V Unit Test Condition VCC = 5V, IO = 100mA VO = 0.3V, IO = 20mA, DDTA123ECA VO = 0.3V, IO = 20mA, DDTA143ECA VO = 0.3V, IO = 10mA, DDTA114ECA VO = 0.3V, IO = 5mA, DDTA124ECA VO = 0.3V, IO = 2mA, DDTA144ECA VO = 0.3V, IO = 1mA, DDTA115ECA IO/Il =10mA/0.5mA, DDTA123ECA IO/Il =10mA/0.5mA, DDTA143ECA IO/Il =10mA/0.5mA, DDTA114ECA IO/Il =10mA/0.5mA, DDTA124ECA IO/Il =10mA/0.5mA, DDTA144ECA IO/Il =5mA/0.25mA, DDTA115ECA
NEW PRODUCT
Characteristic
Input Voltage
Vl(on)
3/4
-1.9
-3
Output Voltage
VO(on)
3/4
-0.1
-0.3
V
Input Current
DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA DDTA123ECA DDTA143ECA DDTA114ECA DDTA124ECA DDTA144ECA DDTA115ECA
Il
3/4
3/4
-3.8 -1.8 -.88 -.36 -.18 -.15 0.5
mA
VI = -5V
Output Current
IO(off)
3/4 -20 -20 -30 -56 -68 -82 -30 0.8 3/4
3/4
mA
VCC = -50V, VI = 0V VO = -5V, IO = -20mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA 3/4 3/4 VCE = -10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl
3/4
3/4
3/4
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product* * Transistor - For Reference Only
DR1 R2/R1 fT
3/4 1 250
+30 1.2 3/4
% 3/4 MHz
Ordering Information
Device DDTC123ECA-7 DDTC143ECA-7 DDTC114ECA-7 DDTC124ECA-7 DDTC144ECA-7 DDTC115ECA-7 Notes:
(Note 2) Packaging SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code See Sheet 1 Diagrams YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3 Apr 4
2004 R May 5
YM
2005 S Jun 6
2006 T Jul 7 Aug 8
2007 U Sep 9
2008 V Oct O Nov N
2009 W Dec D
DS30333 Rev. 2 - 2
2 of 3
DDTA (R1 = R2 SERIES) CA
TYPICAL CURVES - DDTA143ECA
NEW PRODUCT
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V)
250 Pd, POWER DISSIPATION (MILLIWATTS)
1
IC/IB = 10
200
0.1
75C -25C 25C
150
100
0.01
50
0 -50 0 50 100 150
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000
12
VCE = 10
hFE, DC CURRENT GAIN (NORMALIZED)
IE = 0mA
75C
COB, CAPACITANCE (pF)
10 8 6 4 2 0
100
25C
-25C
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC CURRENT GAIN 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100 IC, COLLECTOR CURRENT (mA)
75C VO = 5V 25C
VO = 0.2
-25C
Vin, INPUT VOLTAGE (V)
10
-25C
75C
1
1
25C
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30333 Rev. 2 - 2
3 of 3
DDTA (R1 = R2 SERIES) CA


▲Up To Search▲   

 
Price & Availability of DDTA114ECA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X